PART |
Description |
Maker |
MAX1214NEGKD MAX1214NEGK-D MAX1213 MAX1213N MAX121 |
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX1214NEGKD MAX1214NEGKTD |
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
|
MAXIM - Dallas Semiconductor
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX1162 MAX1162ACUB MAX1162CE_B MAX1162AC_B MAX116 |
16-Bit, 5V, 200ksps ADC with 10A Shutdown 16-Bit, 5V, 200ksps ADC with 10レA Shutdown "16-Bit, 5V, 200ksps ADC with 10?A Shutdown" IC,A/D CONVERTER,SINGLE,16-BIT,BICMOS,TSSOP,10PIN 16-Bit, 5V, 200ksps ADC with 10μA Shutdown 16-Bit, 5V, 200ksps ADC with 10?? Shutdown
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc ADC
|
LTC2150-14 |
14-Bit 250Msps/ 210Msps/170Msps ADCs
|
Linear Technology
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD7895AN-10 AD7895AR-10 AD7895AR-2 AD7895AR-3 AD78 |
True Bipolar Input, 5 V Single Supply, 12-Bit, Serial 3.8 µs ADC in 8-Pin Package 5 V/ 12-Bit/ Serial 3.8 ms ADC in 8-Pin Package 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
ISL5729 |
D/A Converter, Dual, 10 Bit, 130/210MSPS, High Speed, 3.3V
|
Intersil
|
ADUC824 ADUC824BCP ADUC824BCP-REEL ADUC824BS |
24-Bit ADC 16-Bit ADC 12-Bit DAC 8K-Byte Flash MCU Precision Analog Microcontroller: 1MIPS 8052 MCU 8kB Flash 16/24-Bit ADC 12-Bit DAC
|
Analog Devices
|
ISL5929 |
Dual 14-Bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter
|
Intersil Corporation
|
AK5393-VS AKD5393 AK5393 |
24-bit 96K 117dB pro audio ADC ENHANCED DUAL BIT 96 KHZ 24-BIT ADC Enhanced Dual bit 96 kHz 24-bit ADC 增强双位96 kHz4位ADC
|
AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
|